Part Number Hot Search : 
N4468 H8250 BD6974FV FST6330M 9LSDIT1 MBZ52 14S431K 2SD1978
Product Description
Full Text Search
 

To Download BDX33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
NPN/PNP PLASTIC POWER TRANSISTORS
BDX33, 33A, 33B, 33C, 33D BDX34, 34A, 34B, 34C, 34D TO-220 Plastic Package
Power Darlington for Linear Switchilng Application
ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current Continuous Peak Base Current Device Dissipation @ Tc=25C Derate Above 25C Operating And Storage Junction Temperature Range THERMAL RESISTANCE Junction to Case VCEO VCBO VEBO IC ICM IB PD BDX33 BDX34 45 45 BDX33A BDX33B BDX33C BDX33D BDX34A BDX34B BDX34C BDX34D 60 80 100 120 60 80 100 120 5.0 10 15 0.25 70 0.56 -65 to +150 UNIT V V V A A A W W/C C
Tj, Tstg
Rth(j-c)
1.78
C/W
ELECTRICAL CHARACTERISTICS (Tc=25C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST BDX33 BDX33A BDX33B BDX33C BDX33D CONDITION BDX34 BDX34A BDX34B BDX34C BDX34D Breakdown (sus) Voltage VCEO(sus)* VCER(sus)* VCEX(sus)* Collector-Cut off Current ICEO IC=100mA, IB=0 IC=100mA, RBE=100 W IC=100mA, VBE=1.5V VCE=1/2rated VCEO, IB=0 Tc=100C VCE=1/2rated VCEO, IB=0 ICBO IE=0,VCB=Rated VCBO, Tc=100C IE=0,VCB=Rated VCBO, >45 >60 >80 >100 >120
UNIT
V
>45 >45 <0.5
>60 >60 <0.5
>80 >80 <0.5
>100 >100 <0.5
>120 >120 <0.5
V V mA
<10
<10
<10
<10
<10
mA
<1
<1
<1
<1
<1
mA
<5
<5
<5
<5
<5
mA
NPN/PNP PLASTIC POWER TRANSISTORS
BDX33, 33A, 33B, 33C, 33D BDX34, 34A, 34B, 34C, 34D TO-220 Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST BDX33 BDX33A BDX33B BDX33C BDX33D CONDITION BDX34 BDX34A BDX34B BDX34C BDX34D VEB=5V, IC=O IEBO <10 <10 <10 <10 <10 Emitter-Cut off Current VCE(Sat)* IC=4A, IB=8mA <2.5 <2.5 Collector Emitter IC=3A, IB=6mA <2.5 <2.5 <2.5 Saturation Voltage IC=4A, VCE=3V, VBE(on)* <2.5V <2.5 Base Emitter on Voltage IC=3A, VCE=3V <2.5 <2.5 <2.5 hFE* IC=4A, VCE=3V DC Current Gain >750 >750 IC=3A, VCE=3V >750 >750 >750 IC=8A ALL VF <4 Diode Forward Voltage SECOND BREAKDOWN Secondbreakdown Collector Current VCE=25V, IS/b** With Base Forward Biased (non-repetitive) BDX33 Series >2.8 VCE=20V, BDX34 Series >3.5 VCE=36V, BDX33 Series >1.0 VCE=33V, BDX34 Series >1.0 ELECTRICAL CHARACTERISTICS (Tc=25C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION DYNAMIC CHARACTERISTICS Ic=1A,VCE=5V, | hfe | Small- Signal Current Gain f=1MHz Output Capacitance Cob VCB=10V,IE=0, f=1MHz BDX33 series BDX34 series
UNIT mA V V V V
V
A A A A
VALUE min max
UNIT
1000
200 300
pF
VCE=5V, IC=1A, f=1MHz ALL *Pulse Test:- Pulse Width<300s, Duty Cycle=<2% **Pulse Test non- repetitive : Pulse Width=0.25s Transition Frequency fT
3.0
MHZ
BDX33, 33A, 33B, 33C, 33D BDX34, 34A, 34B, 34C, 34D TO-220 Plastic Package TO-220 Plastic Package
B F C E
1 2 3 D G
J M
4
DIM MIN MAX A 14.42 16.51 9.63 10.67 B 3.56 4.83 C -- 0.90 D 1.15 1.40 E 3.75 3.88 F 2.29 2.79 G 2.54 3.43 H -- 0.56 J 12.70 14.73 K 2.80 4.07 L 2.03 2.92 M -- 31.24 N 7 DEG O All diminsions in mm.
H
A
N
L
K
O
O
1
2
3 TO-220 Tube Packing
Label 536.00 1.5
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
End Pin 13.74
DEVICE NAME Sr. QTY. 32.85 6.87 Tube Thickness
AM EN VIC DE Sr. Qty. E
All Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
Label
92.0
Packing Detail
PACKAGE TO-220 / FP
75.0
STANDARD PACK Details Net Weight/Qty 200 pcs/polybag 396 gm/200 pcs 50 pcs/tube 120 gm/50 pcs
INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 1.0K 3.5" x 3.7" x 21.5" 1.0K
NAM ICE DEVSr. Qt y.
E
0 8. 0 53
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 16.0K 36 kgs 19" x 19" x 19" 10.0K 29 kgs


▲Up To Search▲   

 
Price & Availability of BDX33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X